Part Number Hot Search : 
HFCS70SG 1604U M1061S 12501 LT1122BM TC427CPA NJM79L00 AD7468
Product Description
Full Text Search
 

To Download CSS-1116M9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No. Rev.
PS-ND-0712 A
PRODUCT SPECIFICATION
Model No CSS-1116M9/CSS-1117M9
Descriptions:
1.00 Inch Single Digit Alphanumeric Display Emitting Color Super-Bright Yellow Green
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-8623888 Fax:86-0575-8623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116M9/1117M9
Spec. No. Rev.
PS-ND-0712 A
Features 1. 1.00 inch (25.4 mm) digit height. 2. Case mold type. 3. RoHs compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket.
Device Selection Guide Chip Material AlGaInP Emitted Color Super-Bright Yellow Green
Part No. CSS-1116M9 CSS-1117M9 Package Dimensions -
Description Common Anode Common Cathode
http://www.csctw.com.tw
Page
1/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116M9/1117M9
Spec. No. Rev.
PS-ND-0712 A
Internal Circuit Diagrams -
Absolute Maximum Rating (Ta=25 )
Parameter Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice (duty cycle 1/10, 1kHz) Derating Linear From 25 Per Dice Reverse Voltage Per Dice Operating Temperature Storage Temperature
Symbol Pd IAF IPF VR Topr Tstg
Rating 65 25 90 0.33 5 -25 ~ +85 -25 ~ +85
Unit mW mA mA mA/ V
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
http://www.csctw.com.tw
Page
2/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116M9/1117M9
Spec. No. Rev.
PS-ND-0712 A
Electro-optical Characteristics (Ta=25 )
Parameter Forward Voltage Two Dice (One Dice) Luminous Intensity Per Segment Peak Emission Wavelength Spectrum Radiation Bandwidth Reverse Current Luminous Intensity Matching Ratio
Symbol VF Iv
q
Min. -
Typ.
Max.
Unit V mcd nm nm A -
Condition IF=20mA IF=10mA IF=20mA IF=20mA VR=10V IF=20mA
4.2(2.1) 5.2(2.6) 20 572 20 100 2 1
JS
-
IV-m
http://www.csctw.com.tw
Page
3/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116M9/1117M9
Spec. No. Rev.
PS-ND-0712 A
Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
http://www.csctw.com.tw
Page
4/5
CHINA SEMICONDUCTOR CORPORATION Model No CSS-1116M9/1117M9
Spec. No. Rev.
0 A
Package Dimensions
CARTON SIZE: L540xW485xH305mm
Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw 5/5 Page


▲Up To Search▲   

 
Price & Availability of CSS-1116M9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X